Part Number Hot Search : 
W15NK90Z 21M332K 04N70 645ET CS8430 LM339P TYN122 STV0684
Product Description
Full Text Search
 

To Download MBR850 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR840~MBR8200
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * In compliance with EU RoHS 2002/95/EC directives
.058(1.47) .042(1.07)
40 to 200 Volts
CURRENT
8 Amperes
PRELIMINARY
MECHANICALDATA
* Case: TO-220AC plastic package * Terminals: Lead solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Mounting Position: Any * Weight: 0.0655 ounces, 1.859 grams.
MAXIMUM RATINGS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d ( S e e F i g ur e 1 ) P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 8 . 0 A M a xi m um D C R e ve r s e C ur r e nt T J = 2 5 OC a t R a t e d D C B l o c k i ng V o l t a g e T J = 1 0 0 OC Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L V RRM V RMS V DC IF ( A V ) IF S M VF IR R J C T J , T S TG
MB R8 4 0
MB R8 4 5 MB R8 5 0 MB R8 6 0 MB R8 8 0 MB R8 9 0 MB R8 1 0 0 MB R8 1 5 0 MB R8 2 0 0
U N IT S V V V A A
40 28 40
45 31.5 45
50 35 50
60 42 60
80 56 80 8 150
90 63 90
100 70 100
150 105 150
200 140 200
0 .7 0
0 .7 5 0 .0 5 20 3
0 .8 0
0.90
V mA
O
C/W
O
-5 5 to +1 5 0
-6 5 to +1 7 5
C
NOTES : Both Bonding and Chip structure are available.
STAD-APR.30.2009
PAGE . 1
MBR840~MBR8200
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
PEAK FORWARD SURGE CURRENT AMPERES
10.0 8.0 6.0 4.0 2.0 0 0 20 40 60 80 100 120 140 160 180
= 40V = 45-200V
150 120 110 90 70 50 30 20 10 1 2 5 10 20 50 100
8.3ms Single Half Since-Wave JEDEC Method
INSTANTANEOUS REVERSE CURRENT, mA
1.0
T J =100 C
O
INSTANTANEOUS FORWARD CURRENT AMPERES
PRELIMINARY
CASE TEMPERATURE, OC Fig.1- FORWARD CURRENT DERATING CURVE
NO. OF CYCLE AT 60Hz
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
10
40 40V~45V
T J = 75 O C
10 8 6 4 2 1.0 .8 .6 .4 .2 .1 .5 .6 .7 .8 .9
50V~60V 80V~100V
0.1
T J = 25 O C
150V~200V
.01
.001 0 20 40 60 80 100 120 140
1.0
1.1
1.2
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
STAD-APR.30.2009
PAGE . 2


▲Up To Search▲   

 
Price & Availability of MBR850

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X